Part Number Hot Search : 
15N03 MJF6107 ADP3212A A151K ASP0955 SMCJ1 SKKH92 L0240
Product Description
Full Text Search
 

To Download OP800A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  the op800 series device consist of a npn silicon phototransistor mounted in a hermetcally sealed package. the narrow receiving angle provides excellent on - axis coupling. to - 18 package ofer high power dissipaton and hostle environment operaton. the base lead is bonded to enable conventonal transistor biasing. ? industrial and commercial electronics ? distance sensing ? harsh environment ? photointerrupters ? narrow receiving angle ? suitable for applicatons from 400nm to 1100 ? variety of sensitvity ranges ? to - 18 hermetcally sealed package ? enhanced temperature range ? base lead connecton rohs
collector - base voltage 30 v collector - emiter voltage 30 v emiter - base voltage 5 v emiter - collector voltage 5 v contnuous collector current 50 ma storage temperature range - 65 o c to +150 o c operatng temperature range - 65 o c to +125 o c lead soldering temperature [1/16 inch (1.6 mm) from case for 5 seconds with soldering iron] 260 c (2) power dissipaton 250 mw (3) notes: 1. rma fux is recommended. duraton can be extended to 10 seconds maximum when fow soldering. 2. derate linearly 2.5 mw/ c above 25 c. 3. juncton temperature maintained at 25 c. 4. light source is a gaaias led, 890 nm peak emission wavelength, providing a 0.5 mw/cm 2 radiant intensity on the unit under test. the intensity level is not necessarily uniform over the lens area of the unit under test.
i c(on) (3) on - state collector current op800d op800c op800b OP800A 0.45 0.90 1.80 3.60 - - - - - 3.60 5.40 - ma ma ma ma v ce = 5 v, e e = 0.5 mw/cm 2(4 ) i ceo collector dark current - - 100 na v ce = 10 v, e e = 0 v (br)ceo collector - emiter breakdown voltage 30 - - v i c = 100 a v (br)cbo collector - base breakdown voltage 30 - - v i c = 100 a v (br)eco emiter - collector breakdown voltage 5.0 - - v i e = 100 a v (br)ebo emiter - base breakdown voltage 5.0 - - v i e = 100 a t r rise time - 7.0 - s v cc = 5 v, i c = 0.80 ma, r l = 100 ? (see test circuit) t f fall time - 7.0 - s


▲Up To Search▲   

 
Price & Availability of OP800A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X